PART |
Description |
Maker |
SMP600G-FL |
PIN. Photodiode(Excellent Linearity,Low Noise,Wide Spectral Response,Eye Response Detection)(PIN. 光电二极极好线性特性,低噪声,宽谱响应,信号灯响应检测)) P.I.N. PHOTODIODE
|
Semelab(Magnatec) Seme LAB
|
LT1585-1.5 LT1585A-1.5 LT1585CT-1.5 LT1585ACM-1.5 |
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C Fixed 1.5V/ 4.6A and 5A Low Dropout/ Fast Response GTL Regulators Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators Fixed 1.5V/ 4.6A and 5A Low Dropout/ Fast Response GTL Regulators
|
Linear Technology Corporation LINER[Linear Technology]
|
MIC29311 MIC29311-5.1BT MIC29311-5.1BU |
3A Fast-Response LDO(Low Dropout)Regulator for USB(用于USB的输出电A 快速瞬变反应低压差稳压 3A条快速响应LDO(低压降)稳压器的USB(用于的USB的输出电A条快速瞬变反应低压差稳压器) 3A Fast-Response LDO Regulator for USB Preliminary Information 5.1 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PSSO5
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
LT1587-1.5 LT1587CM-1.5 LT1587CT-1.5 LT1587CM-1 15 |
Fixed 1.5V, 3A Low Dropout Fast Response GTL Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSFM3 Fixed 1.5V, 3A Low Dropout Fast Response GTL Regulator From old datasheet system Fixed 1.5V/ 3A Low Dropout Fast Response GTL Regulator
|
Linear Technology, Corp. Linear Technology Corporation
|
GM71C4400DLJ-80 GM71C4400D-60 GM71C4400D-80 GM71C4 |
Replaced by REG104-A : Single Output LDO, 1.0A, Fixed(2.7V), Low Noise, Fast Transient Response 6-SOT-223 Single Output LDO, 1.0A, Fixed(2.5V), Low Noise, Fast Transient Response 5-DDPAK/TO-263 Single Output LDO, 1.0A, Fixed(2.5V), Low Noise, Fast Transient Response 6-SOT-223 1,048,576 Words x Bit Organization 1,048,576字×位组织 Circular Connector; Body Material:Aluminum Alloy; Series:MS3112; Number of Contacts:21; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Circular Contact Gender:Pin 1,048,576字×位组织 Replaced by REG104-A : Single Output LDO, 1.0A, Fixed(2.7V), Low Noise, Fast Transient Response 5-DDPAK/TO-263
|
LG Corp. LG, Corp.
|
LT1963EST-3.3 LT1963EST-2.5 LT1963EQ LT1963EQ-1.5 |
1.5A, low noise, fast transient response LDO regulator, 1.5V 1.5A, Low Noise, Fast Transient Response LDO Regulators; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 125°C 1.5A, Low Noise, Fast Transient Response LDO Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: -40°C to 125°C 2.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO5 1.5A, Low Noise, Fast Transient Response LDO Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: -40°C to 125°C 1.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO5 1.5A, Low Noise, Fast Transient Response LDO Regulators; Package: SOT; No of Pins: 3; Temperature Range: -40°C to 125°C 1.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PDSO4 1.5A, Low Noise, Fast Transient Response LDO Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: -40°C to 125°C 3.3 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO5 From old datasheet system VOLT REGULATOR,FIXED, 3.3V,BIPOLAR,SOT-223,3PIN,PLASTIC 1.5A/ Low Noise/ Fast Transient Response LDO Regulators 1.5A, low noise, fast transient response LDO regulator, adjustable
|
Linear Technology, Corp. http:// Linear Integrated Systems Linear Technology Corp
|
APL1086 APL1086-18FC-TR APL1086-18FC-TU APL1086-18 |
3.3 V, 1.5 A low dropout fast response positive adjustable regulator and fixed 1.8 V, 1.5 A low dropout fast response positive adjustable regulator and fixed Adj, 1.5 A low dropout fast response positive adjustable regulator and fixed 2.85 V, 1.5 A low dropout fast response positive adjustable regulator and fixed 2.5 V, 1.5 A low dropout fast response positive adjustable regulator and fixed 1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration]
|
APL1117 APL1117-18FC-TR APL1117-18GC-TR APL1117-18 |
Adj, 1 A low dropout fast response positive adjustable regulator and fixed 1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V 1.8 V, 1 A low dropout fast response positive adjustable regulator and fixed 2.5 V, 1 A low dropout fast response positive adjustable regulator and fixed
|
ANPEC[Anpec Electronics Coropration] ANPEC Electronics Corporation
|
TC1268 TC1268-2.5VOA TC1268-2.5VOATR |
The TC1268 is a fixed output, fast turn-on, high accuracy (typically ±0.5%) CMOS low dropout regulator. Designed specifically ... 500mA Fixed Output / Fast Response CMOS LDO with Shutdown 500mA Fixed Output, Fast Response CMOS LDO with Shutdown
|
Microchip Technology Inc.
|
LT1575 LT1575CN8 LT1575CN8-1.5 LT1575CN8-2.8 LT157 |
Ultrafast Transient Response, Low Dropout Regulators Adjustable and Fixed Ultrafast Transient Response/ Low Dropout Regulators Adjustable and Fixed From old datasheet system
|
LINER[Linear Technology]
|
|